Part Number Hot Search : 
BZX55C62 TNY267G 74HC405 BAT720 EPZ3018 BUH417D 26000 NCP630
Product Description
Full Text Search
 

To Download SR308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
SR305 THRU SR3010
3 Amp Schottky Barrier Rectifier 50 to 100 Volts
DO-201AD
Features
* * * * Low Switching Noise Low Forward Voltage Drop High Current Capability High Surge Current Capability
* * *
Maximum Ratings
Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C Maximum Thermal Resistance; 30 C/W Junction To Ambient Device Marking Maximum Recurrent Peak Reverse Voltage 50V 60V 80V 100V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 60V 80V 100V
Catalog Number
D
SR305 SR306 SR308 SR3010
---------
35V 42V 56V 70V
A Cathode Mark B
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 3.0A TA = 85C Current Peak Forward Surge IFSM 80A 8.3ms, half sine Current Maximum Instantaneous Forward Voltage .72V IFM = 3.0A; SR305-306 VF .85V SR308-3010 TJ = 25C* Maximum DC 1.0mA Reverse Current At IR TJ = 25C 30mA Rated DC Blocking TJ = 100C Voltage Typical Junction CJ 200pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse test: Pulse width 300 sec, Duty cycle 1%
D
C
DIMENSIONS INCHES MIN ----.048 1.000 MM MIN ----1.20 25.40
DIM A B C D
MAX .370 .250 .052 ---
MAX 9.50 6.40 1.30 ---
NOTE
www.cnelectr.com
SR305 thru SR3010
Figure 1 Typical Forward Characteristics 20 10 6 4 2 SR305-SR306 Amps 1 .6 .4 1 .2 25C .1 .06 .04 .02 .01 .2 .4 .6 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts .8 1.0 1.2 90 75 60 45 Amps 30 15 5 0 0 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C Figure3 Maximum Non-Repetitive Forward Surge Current 125 150 175 SR308-SR3010 Amps 2 4 6 Figure 2 Forward Derating Curve
5
3
1
2
4
6
8 10 Cycles
20
40
60 80 100
Figure 4 Junction Capacitance 100 60 0 40 0 200 pF 10 6 4 0 20 10 .1 .2 .4 1 2 Volts 4 10 20 4 0 100 200 400 100 0 TJ=25 C
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
Junction Capacitance - pF versus
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of SR308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X